PART |
Description |
Maker |
S3921 S3921-512Q S3921-128Q |
NMOS linear image sensor Voltage output type with current-integration readout circuit and impedance conversion circuit MOSFET, Switching; VDSS (V): 500; ID (A): 12; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.515; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1100; toff (µs) typ: 0.077; Package: TO-220FN
|
Hamamatsu Photonics
|
S8119 |
MOSFET, Switching; VDSS (V): 60; ID (A): 1.5; Pch : 0.8; RDS (ON) typ. (ohm) @10V: -; RDS (ON) typ. (ohm) @4V[4.5V]: [0.173]; RDS (ON) typ. (ohm) @2.5V: 0.207; Ciss (pF) typ: 200; toff (µs) typ: 0.035; Package: MPAK 图片集成电路光开
|
Hamamatsu Photonics K.K.
|
S4402 |
MOSFET, Switching; VDSS (V): 600; ID (A): 16; Pch : 35; RDS (ON) typ. (ohm) @10V: 0.475; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V
|
Hamamatsu Photonics
|
TZMB10 TZMB11 TZMB12 TZMB13 TZMB15 TZMB16 TZMB18 T |
RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Clamp; Body Style:Straight Plug; RG Cable Type:59 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Clamp; Body Style:Right Angle Plug; RG Cable Type:55, 58, 141, 142, 223, 400 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Clamp; Body Style:Straight Jack; RG Cable Type:59, 62, 71, 140, 210 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:MHV; Contact Termination:Clamp; Body Style:Straight Plug; RG Cable Type:59, 62, 71, 140, 210 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Clamp; Body Style:Straight Plug; RG Cable Type:58, 141, 142, 400 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Solder; Body Style:Straight Bulkhead Jack; RG Cable Type:58, 59, 179, 316 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:MHV; Contact Termination:Clamp; Body Style:Right Angle Plug; RG Cable Type:59, 62, 71, 140, 210 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Clamp; Body Style:Straight Plug; RG Cable Type:59, 62, 71, 140, 210, 302 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Solder; Body Style:Straight Flanged Jack; RG Cable Type:58, 59, 179, 316 RoHS Compliant: Yes From old datasheet system Silicon Epitaxial Planar Z-Diodes
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] Vishay Telefunken
|
PE4203 |
75 Ohm SMB Plug Connector Clamp/ Solder Attachment For RG59, RG62
|
Pasternack Enterprises, Inc.
|
PE4265 |
75 Ohm SMB Plug Right Angle Connector Clamp/ Solder Attachment For RG180, RG195
|
Pasternack Enterprises, Inc.
|
SKD146-L100 SKD146_12-L100 SKD146_16-L100 SKD146/1 |
Transistor; Type: Amplifiers/Bipolar; VCEO (V): 12; Ic (A): 0.075; Pc (W): 0.7; hFE: 100 to 200; fT (GHz) typ: 7.8; Cob (pF) max: 0.9; NF (dB) typ: 1; Package: MPAK Transistor; Type: Amplifiers/Bipolar; VCEO (V): 4; Ic (A): 0.035; Pc (W): 0.05; hFE: 70 to 150; fT (GHz) typ: 20; Cob (pF) max: 0.15; NF (dB) typ: 1.15; Package: CMPAK-4 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
SKDH146-L100 SKDH146_12-L100 SKDH146_16-L100 SKDH1 |
MOSFET; ID (A): 0.03; VDS (V): 6; Pch : 0.25; |yfs| (S) typ: 29/29; PG (dB) typ: 30/30; Ciss (pF) typ: 2.1/2.1; NF (dB) typ: 1.1/1.1; IDSS (mA): Package: CMPAK-6 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
56.703.5053.0 |
Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Terminal Block Clamp Type:Spring Clamp RoHS Compliant: Yes
|
WIELAND ELECTRIC INC
|
STP4N80K5 STD4N80K5 STF4N80K5 STU4N80K5 |
N-channel 800 V, 2.1 Ohm typ., 3 A Zener-protected SuperMESH(TM) 5 Power MOSFET in TO-220 package N-channel 800 V, 2.1 Ohm typ., 3 A Zener-protected SuperMESH(TM) 5 Power MOSFET in DPAK package N-channel 800 V, 2.1 Ohm typ., 3 A Zener-protected SuperMESH(TM) 5 Power MOSFET in TO-220FP package N-channel 800 V, 2.1 Ohm typ., 3 A Zener-protected SuperMESH(TM) 5 Power MOSFET in IPAK package
|
ST Microelectronics
|
1608640000 |
Terminal Block; Wire Size (AWG):26-12; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Tension Clamp MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|